Part Number Hot Search : 
BC300 HC352 CY7C006 7MBP75 00145 LM993 AD7750 74AC1
Product Description
Full Text Search
 

To Download LP9-31121D37 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lighted sealed dome pushbuttons l ighted p ushbutton lp9 48 otto 2007 full line catalog specifications subject to change without notice commercial grade led lighted and watertight sealed the otto lp9 lighted dome series is a quality precision switch designed for use in panels, control grips, instruments, heavy equipment and other demanding applications where attractive, rugged, lighted pushbutton switches are required. the lp9 series offers a positive tactile feedback signaling the operator when the switch is operated with the added benefit of reliable led illumination. the lp9 series offers four button versions; flush and raised profile with either a glossy or matte finish. also comes with a threaded case for hex nut mounting while providing a short behind-panel depth. the lp9 series is constructed to meet the ip68 watertight seal. expect a minimum of 25, 0000 operations at full rated load of 5 amperes resistive or 3 amperes inductive; up to 500,000 operations in low level switching. the lp9 series are momentary snap action double break switches, available in standard and low operate forces. the led is available in 5 colors and has the ability to accommodate 2 and 12 vdc quality features: ? watertight per ip68 (submersible to 1 meter water pressure) ? le d l igh t ed with the ability to accommodate 2 a n d 1 2 v d c ? led available in 5 colors ? fl ush a nd raised button style ? matte and glossy button finish ? positive tactile feedback contact transfer ? w iths t a n ds extreme shock and vibration ? short behind panel depth flush dome ra ised dome standard characteristics/ratings: operational: mechanical life: 500,000 cycles seal: watertight per ip68 operating force: standard 1.7 .5 lbs. low force: 12 4oz total travel: .080 max temperature range: -55o to + 85o button: thermoplastic case: t hermoplastic ligh tpipe: t hermoplastic mounting hardware: hexnut, lockwasher and panel seal torque hexnut within 4 in/oz min and 10 in/oz max co n t a c t s: g o l d p l a t ed silver alloy e le c t ri cal ratings: (a t 2 8 v d c or 115 vac) l o a d n .o ./n .c. cycles operating force r e sistive 5a 25,000 standard inductive 3a 25,000 standard r e s i s tive 500ma 500,000 standard resistive 200ma 500,000 low or standard d wv 1 05 0 vr m s
lighted sealed dome pushbuttons lighted pushbutton lp9 specifications subject to change without notice www.ottoexcellence.com 49 pushbuttons commercial grade led lighted and watertight sealed lp9 part number code l p 9 - x x x x x x x x button case terminal circuit switch light case button style style style form action source color color 1. flush 1. round/threaded 1. solder 1. n.o. 1. standard a. 2v red led 1. red 1. red 2. raised 2. n.c. snap-action b. 2v green led 2. black 2. black 3. flush matte 3. 2 circuit 2. low force c. 2v amber led 3. orange** 3. orange** 4. raised matte snap-action d. 2v blue led 4. yellow** 4. yellow** e. 2v white led 5. green** 5. green** f. 12v red led 6. blue** 6. blue** g. 12v green led 7. violet** 7. violet** h. 12v amber led 8. gray** 8. gray** j. 12v blue led 9. white 9. white k. 12v white led ** minimum quantity required


▲Up To Search▲   

 
Price & Availability of LP9-31121D37

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X